Part Number Hot Search : 
E004870 THC7984 SMCJ12A SA101 BZT52C30 SM802C ADF4153 GS1522
Product Description
Full Text Search
 

To Download DDTA115TKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTA (R1-ONLY SERIES) KA
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * * Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistor, R1 only Lead Free/RoHS Compliant (Note 2) "Green" Device (Note 3 and 4)
A
NEW PRODUCT
SC-59
BC
Dim A B
Min 0.35 1.50 2.70 0.95 1.90 2.90 0.013 1.00 0.35 0.10 0
Max 0.50 1.70 3.00
Mechanical Data
* * * * * * * * * Case: SC-59 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 K Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 J Lead Free Plating (Matte Tin Finish annealed over Copper leadframe). Terminal Connections: See Diagram Marking Information: See Table Below & Page 4 Ordering Information: See Page 4 Weight: 0.008 grams (approximate)
G H M
C D G H
D L
3.10 0.10 1.30 0.55 0.20 8
J K L
OUT 3
C B R1
M
All Dimensions in mm
P/N DDTA113TKA DDTA123TKA DDTA143TKA DDTA114TKA DDTA124TKA DDTA144TKA DDTA115TKA DDTA125TKA
R1 (NOM) 1K 2.2K 4.7K 10K 22K 47K 100K 200K
Type Code P01 P03 P07 P12 P16 P19 P23 P25
E
1 IN
2 GND(+)
Schematic and Pin Configuration
Maximum Ratings
@TA = 25C unless otherwise specified
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Thermal Resistance, Junction to Ambient Air Operating and Storage Temperature Range
Notes: 1. 2. 3. 4.
Symbol VCBO VCEO VEBO IC (Max) Pd (Note 1) RJA Tj, TSTG
Value -50 -50 -5 -100 200 625 -55 to +150
Unit V V V mA mW C/W C
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30343 Rev. 7 - 2
1 of 4 www.diodes.com
DDTA (R1-ONLY SERIES) KA
(c) Diodes Incorporated
Electrical Characteristics
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage
@TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO IEBO Min -50 -50 -5 Typ Max -0.5 -0.5 Unit V V V A A IC = -50A IC = -1mA IE = -50A VCB = -50V VEB = -4V IC/IB = -10mA/-1mA IC/IB = -5mA/-0.5mA IC/IB = -2.5mA/-.25mA IC/IB = -1mA/-.1mA IC/IB = -5mA/-0.5mA IC/IB = -2.5mA/-.25mA IC/IB = -1mA/-0.1mA IC/IB = -.5mA/-.05mA IC = -1mA, VCE = -5V DDTA113TKA DDTA123TKA DDTA143TKA DDTA114TKA DDTA124TKA DDTA144TKA DDTA115TKA DDTA125TKA Test Condition
NEW PRODUCT
Collector Cutoff Current Emitter Cutoff Current
Collector-Emitter Saturation Voltage
VCE(sat)
-0.3
V
DC Current Transfer Ratio Input Resistor (R1) Tolerance Gain-Bandwidth Product*
* Transistor - For Reference Only
hFE R1 fT
100 -30
250 250
600 +30
%
MHz VCE = -10V, IE = 5mA, f = 100MHz
DS30343 Rev. 7 - 2
2 of 4 www.diodes.com
DDTA (R1-ONLY SERIES) KA
(c) Diodes Incorporated
Typical Curves - DDTA114TKA
250
1 VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
IC/IB = 10
PD , POWER DISSIPATION (mW)
200
25 C
0.1
75 C
NEW PRODUCT
150
-25C
100
0.01
50
0 -50
0 50 100 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
150
0.001
0
10 40 20 30 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
50
1,000
12
f = 1MHz
hFE, DC CURRENT GAIN
COB, CAPACITANCE (pF)
10
100
8
6
10
4
2
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
0
0
25 20 5 10 15 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
30
100
75C
10
25C
VO = 0.2V
IC, COLLECTOR CURRENT (mA)
10
1
Vin, INPUT VOLTAGE (V)
-25C
1
0.1
0.01
0.001
0
1
8 9 10 6 7 34 5 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage 2
0 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30343 Rev. 7 - 2
3 of 4 www.diodes.com
DDTA (R1-ONLY SERIES) KA
(c) Diodes Incorporated
Ordering Information (Note 4 & 5)
Device DDTA113TKA-7-F DDTA123TKA-7-F DDTA143TKA-7-F DDTA114TKA-7-F Packaging SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
NEW PRODUCT
DDTA124TKA-7-F DDTA144TKA-7-F DDTA115TKA-7-F DDTA125TKA-7-F
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
XXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code Jan 1
2006 T Feb 2
2007 U Mar 3 Apr 4
YM
2008 V
2009 W Jun 6 Jul 7
2010 X Aug 8 Sep 9
2011 Y Oct O Nov N
2012 Z Dec D
May 5
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30343 Rev. 7 - 2
4 of 4 www.diodes.com
DDTA (R1-ONLY SERIES) KA
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTA115TKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X